Part Number Hot Search : 
477M00 DT70V 8927VZG AS7C3 FDS4885 HT95A300 2VQ100 AOB5B60D
Product Description
Full Text Search
 

To Download G5656 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  ver: 0.5 aug 03, 2009 tel: 886-3-5788833 http://www.gmt.com.tw 1 G5656 global mixed-mode technology inc. 3a step-down dc/dc features ? 3a output current ? 0.15 internal power mosfet switch ? stable with low esr output ceramic capaci- tors ? up to 95% efficiency ? 25 a shutdown mode ? fixed 380khz frequency ? thermal shutdown ? cycle-by-cycle over current protection ? wide 4.75v to 20v operating input range ? output adjustable from 1.22v to 12v ? available in sop-8 (fd) package applications ? pc monitors ? dsl modems ? distributed power systems ? pre-regulator for linear regulators general description the G5656 is a monolithic step-down switch mode regulator with a built in internal power mosfet. it achieves 3a continuous output current over a wide input supply range with excellent load and line regula- tion. current mode operation provides fast transient re- sponse and eases loop stabilization. fault condition protection includes cycle-by-cycle cur- rent limiting, output short circuit protection and thermal shutdown. in shutdown mode the regulator draws 25 a of supply current. programmable soft-start over- writes the internal soft-start for various requirement of output power up ramp and minimizes the inrush supply current at initial startup. the G5656 requires a minimum number of readily available standard external components. it is available in a sop-8 (fd) package. ordering information order number marking temp. range package (green) G5656f11u G5656 -40 c to +85 c sop-8 (fd) G5656f12u G5656a -40 c to +85 c sop-8 (fd) note: f1: sop-8 (fd) 1 & 2: bonding code u : tape & reel pin configuration typical application circuit en comp fb lx gnd v in 4.75v~20v d1 ss34 10 h r1/28k r2/16k c c2 optional in c c 22 f mlcc v out 3.3v/3a 10 f r c G5656 on off v out = 1.22v x ( 1 + ) r1 r2 en comp fb lx gnd d1 ss34 10 h r1/28k r2/16k in 0.1 f v out 3.3v/3a G5656 100 f/220 f electrolytic v in 4.75v~20v c c2 c c 10 f r c on off ss 0.1 f ss 0.1 f sop-8 (fd) G5656f11u lx 8 6 5 1 2 3 4 nc in gnd ss en comp fb 7 thermal pad note: recommend connecting the thermal pad to the ground for excellent power dissipation. sop-8 (fd) G5656f12u in 8 6 5 1 2 3 4 ss nc lx en comp fb gnd 7 thermal pad en comp fb lx gnd v in 4.75v~20v d1 ss34 10 h r1/28k r2/16k c c2 optional in c c 22 f mlcc v out 3.3v/3a 10 f r c G5656 on off on off v out = 1.22v x ( 1 + ) r1 r2 en comp fb lx gnd d1 ss34 10 h r1/28k r2/16k in 0.1 f v out 3.3v/3a G5656 100 f/220 f electrolytic v in 4.75v~20v c c2 c c 10 f r c on off on off ss 0.1 f ss 0.1 f ss 0.1 f ss 0.1 f sop-8 (fd) G5656f11u lx 8 6 5 1 2 3 4 nc in gnd ss en comp fb 7 thermal pad lx 8 6 5 1 2 3 4 nc in gnd ss en comp fb 7 thermal pad note: recommend connecting the thermal pad to the ground for excellent power dissipation. sop-8 (fd) G5656f12u in 8 6 5 1 2 3 4 ss nc lx en comp fb gnd 7 thermal pad in 8 6 5 1 2 3 4 ss nc lx en comp fb gnd 7 thermal pad
ver: 0.4 aug 03, 2009 tel: 886-3-5788833 http://www.gmt.com.tw 1 g5657 global mixed-mode technology inc. 3a step-down dc/dc features ? 3a output current ? 0.15 internal power mosfet switch ? stable with low esr output ceramic capaci- tors ? up to 95% efficiency ? 25 a shutdown mode ? fixed 380khz frequency ? thermal shutdown ? cycle-by-cycle over current protection ? wide 4.75v to 20v operating input range ? output adjustable from 0.92v to 12v ? available in sop-8(fd) package applications ? pc monitors ? dsl modems ? distributed power systems ? pre-regulator for linear regulators general description the g5657 is a monolithic step-down switch mode regulator with a built in internal power mosfet. it achieves 3a continuous output current over a wide in- put supply range with excellent load and line regulation. current mode operation provides fast transient re- sponse ans eases loop stabilization. fault condition protection includes cycle-by-cycle cur- rent limiting, output short circuit protection and thermal shutdown. in shutdown mode the regulator draws 25 a of supply current. programmable soft-start overwrites the internal soft-start for various requirement of output power up ramp and minimizes the inrush supply current at initial startup. the g5657 requires a minimum number of readily available standard external components. it is available in a sop-8 (fd) package. ordering information order number marking temp. range package (green) g5657f11u g5657 -40 c to +85 c sop-8 (fd) g5657f12u g5657a -40 c to +85 c sop-8 (fd) note: f1: sop-8 (fd) 1 & 2: bonding code u : tape & reel pin configuration typical application circuit 3.3v/3a 3.3v/3a en comp fb lx gnd v in 4.75v~20v d1 ss34 10 h r1/62k r2/24k c c2 optional in c c 22 f mlcc v out 10 f r c g5657 on off v out = 0.92v x ( 1+ ) r1 r2 en comp fb lx gnd d1 ss34 10 h r1/62k r2/24k in 0.1 f v out g5657 100 f/220 f electrolytic v in 4.75v~20v c c2 c c 10 f r c on off ss 0.1 f ss 0.1 f note: recommend connecting the thermal pad to the ground for excellent power dissipation. nc g5657f11u in 8 6 5 1 2 3 4 ss lx en comp fb gnd sop-8 (fd) 7 en g5657f12u lx 8 6 5 1 2 3 4 nc in gnd ss comp fb 7 thermal pad thermal pad sop-8 (fd) 3.3v/3a 3.3v/3a en comp fb lx gnd v in 4.75v~20v d1 ss34 10 h r1/62k r2/24k c c2 optional in c c 22 f mlcc v out 10 f r c g5657 on off on off v out = 0.92v x ( 1+ ) r1 r2 en comp fb lx gnd d1 ss34 10 h r1/62k r2/24k in 0.1 f v out g5657 100 f/220 f electrolytic v in 4.75v~20v c c2 c c 10 f r c on off on off ss 0.1 f ss 0.1 f ss 0.1 f ss 0.1 f note: recommend connecting the thermal pad to the ground for excellent power dissipation. nc g5657f11u in 8 6 5 1 2 3 4 ss lx en comp fb gnd sop-8 (fd) 7 en g5657f12u lx 8 6 5 1 2 3 4 nc in gnd ss comp fb 7 thermal pad thermal pad thermal pad thermal pad sop-8 (fd)


▲Up To Search▲   

 
Price & Availability of G5656

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X